PART |
Description |
Maker |
RFD16N06LESM RFD16N06LESM9A |
Discrete Commercial N-Channel Power MOSFET, 60V, 16A, 0.047 Ohms @ VGS = 4.5V, TO-252/DPAK Package 16A, 60V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
|
FAIRCHILD[Fairchild Semiconductor]
|
HUFA76413DK8T HUFA76413D |
Discrete Commercial Dual N-Channel Logic Level UltraFET Power MOSFET, 60V, 5.1A, 0.049 Ohms @ VGS = 10V, SO-8 Package N-Channel Logic Level UltraFET Power MOSFET 60V, 4.8A, 56mз
|
FAIRCHILD[Fairchild Semiconductor]
|
2SC3254 2SC3254S |
TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 7A I(C) | TO-220AB 60V/7A High-Speed Switching Applications
|
SANYO[Sanyo Semicon Device]
|
2SA1289 2SC3253 2SC3253S 2SC3253R 2SA1289R |
TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | TO-220AB TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | TO-220AB SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 60V/5A High-Speed Switching Applications
|
ETC SANYO[Sanyo Semicon Device]
|
BSP75G BSP75G2 |
Ultra Low Capacitance Transient Voltage Suppressor Diodes 60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE IntelliFET?/a> MOSFET 60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE IntelliFET MOSFET 60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE IntelliFET⑩ MOSFET 60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE IntelliFET??MOSFET IntelliFET 60V self protected MOSFET
|
List of Unclassifed Manufacturers ETC N.A. Zetex Semiconductors
|
IRFI064 IRFI064-15 |
Simple Drive Requirements TRANSISTOR N-CHANNEL(Vdss=60V/ Rds(on)=0.017ohm/ Id=45A*) TRANSISTOR N-CHANNEL(Vdss=60V, Rds(on)=0.017ohm, Id=45A*) 60V Single N-Channel Hi-Rel MOSFET in a TO-259AA package
|
International Rectifier
|
FDB10AN06A0 FDP10AN06A0 |
CAP 0.1UF 50V 5% X7R SMD-1206 TR-7-PA SN100 N-Channel PowerTrench MOSFET 60V/ 75A/ 10.5m N-Channel PowerTrench MOSFET 60V, 75A, 10.5mз N-Channel PowerTrench MOSFET 60V, 75A, 10.5mOhm
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
IRFP048 |
60V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=60V, Rds(on)=0.018ohm, Id=70A)
|
International Rectifier Power MOSFET
|
IRFZ48V IRFZ48VPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=72A)
|
IRF[International Rectifier]
|